Part Number Hot Search : 
IRFZ32 AMP05BX IRFZ32 TGT300 LM358QT 42200 XXMCXXX AT16373F
Product Description
Full Text Search
 

To Download KTC3552T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION.
KTC3552T
EPITAXIAL PLANAR NPN TRANSISTOR
E
FEATURES
Adoption of FBET, MBIT Processes. High Current Capacitance. Low Collector-to-Emitter Saturation Voltage.
A F G
K
B
DIM A B
2 3 C D
MILLIMETERS _ 2.9 + 0.2 1.6+0.2/-0.1 _ 0.70 + 0.05 _ 0.4 + 0.1
2.8+0.2/-0.3 _ 1.9 + 0.2 0.95 _ 0.16 + 0.05 0.00-0.10 0.25+0.25/-0.15 0.60 0.55
D
Ultrasmall Package Facilitates Miniaturization in end Products. High Allowable Power Dissipation. Complementary to KTA1552T.
C L
G
High-Speed Switching.
1
E F G H I J K L
J
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range DC Pulse
SYMBOL VCBO VCES VCEO VEBO IC ICP IB PC * Tj Tstg 0.8
RATING 80 80 50 6 3 6 600 0.9 150 -55 ) 150
UNIT V V V A mA W
1. EMITTER 2. BASE 3. COLLECTOR
Marking
Lot No. Type Name
* Package mounted on a ceramic board (600
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Transition Frequency Collector Output Capacitance Turn-On Time Swiitching Time SYMBOL ICBO IEBO V(BR)CBO V(BR)CES V(BR)CEO V(BR)EBO VCE(sat)1 VCE(sat)2 VBE(sat) hFE fT Cob ton
INPUT
TEST CONDITION VCB=40V, IE=0 VEB=4V, IC=0 IC=10 A, IE=0 IC=100 A, VBE=0 IC=1mA, IB=0 IE=10 A, IC=0 IC=1A, IB=50mA IC=2A, IB=100mA IC=2A, IB=100mA VCE=2V, IC=100mA VCE=10V, IC=500mA VCB=10V, f=1MHz
PW=20s DC < 1% = IB1 I B2 RB 50 VR 100F 470F VCC =25V RL OUTPUT
MIN. 80 80 50 6 200 -
Storage Time
tstg
Fall Time
tf
V BE =-5V 10IB1=-10IB2=IC =1A
2001. 6. 28
Revision No : 0
I J
MAXIMUM RATING (Ta=25
)
H
TSM
HL
TYP. 80 140 0.88 380 13 35 MAX. 0.1 0.1 120 210 1.2 560 MHz pF UNIT A A V V V V mV mV V
-
300
-
nS
-
22
-
1/3
KTC3552T
I C - V CE
5.0 COLLECTOR CURRENT I C (A) 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 0.4 0.8 1.2
IB=0mA
100mA
h FE - I C
80mA
1K DC CURRENT GAIN h FE 500 300
Ta=75 C Ta=25 C Ta=-25 C
60mA 40mA 20mA 10mA 5.0mA
100 50 30
VCE =2V
1.6
2.0
10 0.01
0.03
0.1
0.3
1
3
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT I C (A)
VCE(sat) - I C
COLLECTOR-EMITTER SATURATION VOLTAGE V CE(sat) (mV) COLLECTOR-EMITTER SATURATION VOLTAGE V CE(sat) (mV) 1K 500 300
IC /I B =20
VCE(sat) - I C
1K 500 300
IC /I B =50
100 50 30
5C =7 Ta 5C =2 Ta
Ta 5 =-2 C
100 50 30
T C 75 5C Ta= =-2 Ta 5C a=2
10 0.01
0.03
0.1
0.3
1
3
10 0.01
0.03
0.1
0.3
1
3
COLLECTOR CURRENT I C (A)
COLLECTOR CURRENT I C (A)
VBE(sat) - I C
1K BASE-EMITTER SATURATION VOLTAGE V BE(sat) (mV) 500 300 COLLECTOR CURRENT I C (A)
IC /I B =50
I C - V BE
3.2 2.8 2.4 2.0
Ta=25 C Ta=-25 C Ta=75 C
VCE =2V
100 50 30
Ta=-25 C
1.6 1.2 0.8 0.4 0 0 0.2 0.4 0.6
Ta=25 C
Ta=75 C
10 0.01
0.03
0.1
0.3
1
3
0.8
1.0
1.2
COLLECTOR CURRENT I C (A)
BASE-EMITTER VOLTAGE V BE (V)
2001. 6. 28
Revision No : 0
2/3
KTC3552T
f T - IC
COLLECTOR OUTPUT CAPACITANCE C ob (pF) TRANSITION FREQUENCY f T (MHz) 1K 500 300
VCE =10V
C ob - V CB
100 50 30
100 50 30
10 5 3
f=1MHz
10 0.01
1 0.1 0.3 0.5 1 3 5 10 30 50 COLLECTOR-BASE VOLTAGE VCB (V)
0.03
0.1
0.3
1
3
COLLECTOR CURRENT I C (A)
SAFE OPERATING AREA
10 COLLECTOR CURRENT I C (A) 5 3 1 0.5 0.3 0.1 0.05 0.03 0.01 0.1 COLLECTOR POWER DISSIPATION PC (W)
I C MAX.(PULSED)
Pc - Ta
1.0 0.8 0.6 0.4 0.2 0
MOUNTED ON A CERAMIC BOARD (600mm 2 0.8mm)
1m
10
I C MAX (CONTINUOUS)
DC OP
S*
S 0 *
50 0
10
ER A
S*
0m S*
10 mS *
TI ON
* SINGLE NONREPETITIVE PULSE Ta=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE MOUNTED ON A CERAMIC BOARD (600mm 2 0.8mm)
0
20
40
60
80
100
120
140
160
0.3
1
3
10
30
100
AMBIENT TEMPERATURE Ta ( C)
COLLECTOR-EMITTER VOLTAGE VCE (V)
2001. 6. 28
Revision No : 0
3/3


▲Up To Search▲   

 
Price & Availability of KTC3552T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X